PART |
Description |
Maker |
UTCHE8550 HE8550-TO-92 |
PNP EPITAXIAL SILIC ON TRANSISTOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
NP043A2 |
Composite Device - Composite Transistors Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) 80 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
MMBTH10 MMBTSA1037 MMBTSA1162 MMBTSA1182 1SS390 MM |
NPN Silicon VHF/UHF Transistor PNP Silicon Epitaxial Planar Transistor SILICON EPITAXIAL PLANAR DIODE NPN Silicon Epitaxial Planar Transistors SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE PNP SILICON EPITAXIAL POWER TRANSISTOR BAND SWITCHING DIODE SILICON EPITAXIAL PLANAR SWITCHING DIODE SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
|
SEMTECH ELECTRONICS LTD. SEMTECH ELECTRONICS LTD...
|
2SA1507 2SC3902 |
NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors 160V/1.5A Switching Applications
|
Sanyo
|
2SB764 2SD863 B764 |
Search --To 2SB764 PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
|
Sanyo Semicon Device
|
2SA1208 2SC2910 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching Audio 80W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1270 |
PNP Epitaxial Planar Type Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1507 2SD2280 |
PNP Epitaxial Planar Silicon Transistors 50V/7A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1707 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4159 2SA1606 A1606 |
2SA1606 NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF 100W Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors for High-Voltage SwitchingAF 100W Driver Application(用于高电压转换,AF 100W驱动器应用的NPN硅外延平面型晶体
|
Sanyo Semicon Device Sanyo Electric Co.,Ltd.
|